Part Number Hot Search : 
15KE110A U1ZB180 BS850 15N05 TC200 PL002 TC7S08F 81431
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148 / 1N4448
FAST SWITCHING DIODE Features
* * * Fast Switching Speed General Purpose Rectification Silicon Epitaxial Planar Construction
A
B
A
Mechanical Data
* * * * * Case: DO-35 Leads: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Weight: 0.13 grams (approx.)
DO-35 Dim A B C D Min 25.40 3/4 3/4 3/4
D
C
Max 3/4 4.00 0.60 2.00
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 1.0s @ t = 1.0ms Power Dissipation (Note 1) Derate Above 25C Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG 300 150 1.0 2.0 500 1.68 300 -65 to +175 1N4148 100 75 53 500 1N4448 Unit V V V mA mA A mW mW/C K/W C
Electrical Characteristics
Characteristic Maximum Forward Voltage
@ TA = 25C unless otherwise specified Symbol 1N4148 1N4448 1N4448 VFM Min 3/4 0.62 3/4 3/4 3/4 3/4 Max 1.0 0.72 1.0 5.0 50 30 25 4.0 4.0 Unit V mA mA mA nA pF ns Test Condition IF = 10mA IF = 5.0mA IF = 100mA VR = 75V VR = 70V, Tj = 150C VR = 20V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = 10mA to IR =1.0mA VR = 6.0V, RL = 100W
Maximum Peak Reverse Current Capacitance Reverse Recovery Time
IRM Cj trr
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
DS12019 Rev. B-2
1 of 2
1N4148 / 1N4448
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
100
IR, LEAKAGE CURRENT (nA)
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1 0 100 200 Tj, JUNCTION TEMPERATURE (C) Fig. 2, Leakage Current vs Junction Temperature
DS12019 Rev. B-2
2 of 2
1N4148 / 1N4448


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X